Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 9Page - ams-OSRAM AG AS7421 Datasheet HTML 10Page - ams-OSRAM AG AS7421 Datasheet HTML 11Page - ams-OSRAM AG AS7421 Datasheet HTML 12Page - ams-OSRAM AG AS7421 Datasheet HTML 13Page - ams-OSRAM AG AS7421 Datasheet HTML 14Page - ams-OSRAM AG AS7421 Datasheet HTML 15Page - ams-OSRAM AG AS7421 Datasheet HTML 16Page - ams-OSRAM AG AS7421 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Document Feedback
AS7421
Electrical Characteristics
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 12
Figure 8:
Typical Irradiance Responsivity of AS7421, Integration Time = 65.5 ms (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_PD0
Irradiance responsivity
AGAIN: 64x;
λ
p: 830 nm
406
counts / (µW/cm²)
Re_PD1
Irradiance responsivity
AGAIN: 64x;
λ
p: 750 nm
431
counts / (µW/cm²)
Re_PD2
Irradiance responsivity
AGAIN: 64x;
λ
p: 790 nm
409
counts / (µW/cm²)
Re_PD3
Irradiance responsivity
AGAIN: 64x;
λ
p: 870 nm
296
counts / (µW/cm²)
Re_PD4
Irradiance responsivity
AGAIN: 64x;
λ
p: 940 nm
190
counts / (µW/cm²)
Re_PD5
Irradiance responsivity
AGAIN: 64x;
λ
p: 980 nm
112
counts / (µW/cm²)
Re_PD6
Irradiance responsivity
AGAIN: 128x;
λ
p: 1020 nm
105
counts / (µW/cm²)
Re_PD7
Irradiance responsivity
AGAIN: 64x;
λ
p: 830 nm
385
counts / (µW/cm²)
Re_PD8
Irradiance responsivity
AGAIN: 64x;
λ
p: 760 nm
394
counts / (µW/cm²)
Re_PD9
Irradiance responsivity
AGAIN: 64x;
λ
p: 800 nm
422
counts / (µW/cm²)
Re_PD10
Irradiance responsivity
AGAIN: 64x;
λ
p: 840 nm
385
counts / (µW/cm²)
Re_PD11
Irradiance responsivity
AGAIN: 64x;
λ
p: 880 nm
344
counts / (µW/cm²)
Re_PD12
Irradiance responsivity
AGAIN: 64x;
λ
p: 930 nm
235
counts / (µW/cm²)
Re_PD13
Irradiance responsivity
AGAIN: 64x;
λ
p: 970 nm
151
counts / (µW/cm²)
Re_PD14
Irradiance responsivity
AGAIN: 128x;
λ
p: 1010 nm
148
counts / (µW/cm²)
Re_PD15
Irradiance responsivity
AGAIN: 128x;
λ
p: 1050 nm
61
counts / (µW/cm²)
Re_PD16
Irradiance responsivity
AGAIN: 64x;
λ
p: 770 nm
398
counts / (µW/cm²)
Re_PD17
Irradiance responsivity
AGAIN: 64x;
λ
p: 810 nm
416
counts / (µW/cm²)
Re_PD18
Irradiance responsivity
AGAIN: 64x;
λ
p: 850 nm
390
counts / (µW/cm²)
Re_PD19
Irradiance responsivity
AGAIN: 64x;
λ
p: 890 nm
367
counts / (µW/cm²)
Re_PD20
Irradiance responsivity
AGAIN: 64x;
λ
p: 920 nm
253
counts / (µW/cm²)
Re_PD21
Irradiance responsivity
AGAIN: 64x;
λ
p: 960 nm
166
counts / (µW/cm²)
Re_PD22
Irradiance responsivity
AGAIN: 128x;
λ
p: 1000 nm
180
counts / (µW/cm²)
Re_PD23
Irradiance responsivity
AGAIN: 128x;
λ
p: 1040 nm
74
counts / (µW/cm²)
Re_PD24
Irradiance responsivity
AGAIN: 64x;
λ
p: 780 nm
398
counts / (µW/cm²)
Re_PD25
Irradiance responsivity
AGAIN: 64x;
λ
p: 820 nm
411
counts / (µW/cm²)
Re_PD26
Irradiance responsivity
AGAIN: 64x;
λ
p: 860 nm
405
counts / (µW/cm²)
Re_PD27
Irradiance responsivity
AGAIN: 64x;
λ
p: 900 nm
363
counts / (µW/cm²)
Re_PD28
Irradiance responsivity
AGAIN: 64x;
λ
p: 910 nm
286
counts / (µW/cm²)
Re_PD29
Irradiance responsivity
AGAIN: 64x;
λ
p: 950 nm
189
counts / (µW/cm²)
Re_PD30
Irradiance responsivity
AGAIN: 128x;
λ
p: 990 nm
206
counts / (µW/cm²)
Re_PD31
Irradiance responsivity
AGAIN: 128x;
λ
p: 1030 nm
92
counts / (µW/cm²)
Re_PD32
Irradiance responsivity
AGAIN: 64x;
λ
p: 775 nm
401
counts / (µW/cm²)
Re_PD33
Irradiance responsivity
AGAIN: 64x;
λ
p: 815 nm
430
counts / (µW/cm²)
Re_PD34
Irradiance responsivity
AGAIN: 64x;
λ
p: 855 nm
401
counts / (µW/cm²)
Re_PD35
Irradiance responsivity
AGAIN: 64x;
λ
p: 895 nm
370
counts / (µW/cm²)
Re_PD36
Irradiance responsivity
AGAIN: 64x;
λ
p: 905 nm
304
counts / (µW/cm²)
Re_PD37
Irradiance responsivity
AGAIN: 64x;
λ
p: 945 nm
209
counts / (µW/cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com