Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 37Page - ams-OSRAM AG AS7421 Datasheet HTML 38Page - ams-OSRAM AG AS7421 Datasheet HTML 39Page - ams-OSRAM AG AS7421 Datasheet HTML 40Page - ams-OSRAM AG AS7421 Datasheet HTML 41Page - ams-OSRAM AG AS7421 Datasheet HTML 42Page - ams-OSRAM AG AS7421 Datasheet HTML 43Page - ams-OSRAM AG AS7421 Datasheet HTML 44Page - ams-OSRAM AG AS7421 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 40
10.2.15
STATUS_0 Register (Address 0x70)
Figure 45:
STATUS_0 Register
Addr: 0x70
STATUS_0
Bit
Bit Name
Default
Access
Bit Description
5:0
DEV_ID
0B
RO
Device ID
10.2.16
STATUS_1 Register (Address 0x71)
Figure 46:
STATUS_1 Register
Addr: 0x71
STATUS_1
Bit
Bit Name
Default
Access
Bit Description
2:0
REV_ID
01
RO
Revision ID
10.2.17
STATUS_2 Register (Address 0x72)
Figure 47:
STATUS_2 Register
Addr: 0x72
STATUS_2
Bit
Bit Name
Default
Access
Bit Description
7:0
LTF_ASAT [7:0]
0
RO
Analog saturation
If set to “1”, analog saturation of modulators 0 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com