Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 7Page - ams-OSRAM AG AS7421 Datasheet HTML 8Page - ams-OSRAM AG AS7421 Datasheet HTML 9Page - ams-OSRAM AG AS7421 Datasheet HTML 10Page - ams-OSRAM AG AS7421 Datasheet HTML 11Page - ams-OSRAM AG AS7421 Datasheet HTML 12Page - ams-OSRAM AG AS7421 Datasheet HTML 13Page - ams-OSRAM AG AS7421 Datasheet HTML 14Page - ams-OSRAM AG AS7421 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Document Feedback
AS7421
Electrical Characteristics
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 10
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vf_LED2
Forward voltage
IF = 25 mA
1.6
V
Vf_LED3
Forward voltage
IF = 25 mA
1.25
V
Vf_LED4
Forward voltage
IF = 25 mA
1.25
V
λ
p_LED1
Peak wavelength
IF = 25 mA
760
nm
λ
p_LED2
Peak wavelength
IF = 25 mA
830
nm
λ
p_LED3
Peak wavelength
IF = 25 mA
950
nm
λ
p_LED4
Peak wavelength
IF = 25 mA
1040
nm
(1)
VDD must be applied before VLEDA during power on. VLEDA must always be smaller or equal than VDD+0.3 V.
(2)
Active state occurs during ongoing spectral measurement AEN = “1” and power consumption defined without LED
current.
(3)
Idle state occurs when PON = “1” and all functions are disabled.
(4)
Sleep state occurs when PON = “0” and no active I2C communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com