Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 5Page - ams-OSRAM AG AS7421 Datasheet HTML 6Page - ams-OSRAM AG AS7421 Datasheet HTML 7Page - ams-OSRAM AG AS7421 Datasheet HTML 8Page - ams-OSRAM AG AS7421 Datasheet HTML 9Page - ams-OSRAM AG AS7421 Datasheet HTML 10Page - ams-OSRAM AG AS7421 Datasheet HTML 11Page - ams-OSRAM AG AS7421 Datasheet HTML 12Page - ams-OSRAM AG AS7421 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Document Feedback
AS7421
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Electrical Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of AS7421
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD / VGND
Supply voltage to ground
-0.3
3.6
V
Applicable for pin VDD
VLEDA
LEDA voltage to ground
-0.3
3.6
V
Applicable for pin LEDA
VDIG_MAX
Digital pins
-0.3
VDD+0.3
V
Applicable for pins SCL,
SDA and INT
ISCR
Input current (latch-up immunity)
± 100
mA
JESD78E
Continuous Power Dissipation (TA = 70 °C)
PT
Continuous power dissipation
1.4
W
Including LEDs and
sensor
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
± 2000
V
JS-001-2017
ESDCDM
Electrostatic discharge CDM
± 500
V
JS-002-2014
Temperature Ranges and Storage Conditions
TA
Ambient temperature
-30
+85
°C
RTHJA
Junction to ambient thermal
resistance
85
K/W
Depending on actual PCB
layout.(2)
TSTRG
Storage temperature range
-40
+85
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
3
Maximum floor life time of
168h
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for Pb-
free leaded packages is “Matte Tin” (100 % Sn).
(2)
Value defined for PCB using 5x5mm copper area on bottom side of PCB. Thermal vias used to connect exposed pad
from TOP layer with bottom layer. Contact ams OSRAM for guidelines on thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com