Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 6Page - ams-OSRAM AG AS7421 Datasheet HTML 7Page - ams-OSRAM AG AS7421 Datasheet HTML 8Page - ams-OSRAM AG AS7421 Datasheet HTML 9Page - ams-OSRAM AG AS7421 Datasheet HTML 10Page - ams-OSRAM AG AS7421 Datasheet HTML 11Page - ams-OSRAM AG AS7421 Datasheet HTML 12Page - ams-OSRAM AG AS7421 Datasheet HTML 13Page - ams-OSRAM AG AS7421 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Document Feedback
AS7421
Electrical Characteristics
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 9
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages with respect to GND/PGND. Device
parameters are guaranteed at VDD=3.3 V and TA=25 °C unless otherwise noted.
Figure 6:
Electrical Characteristics of AS7421
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3
3.3
3.6
V
VLEDA
LED supply voltage
ILED = 75 mA
2.8
3.0(1)
V
fOSC
Oscillator frequency
8
MHz
TA
Operating free-air
temperature
-30
25
60
°C
TJ
Operating junction
temperature
-30
25
65
°C
TOVTEMP
Overtemperature
shutdown
150
165
°C
Power Consumption
IDD
Supply current
VDD = 3.3 V; TA = 25°C
Active mode (2)
2.5
5
mA
VDD = 3.3 V; TA = 25 °C
Idle mode (3)
400
µA
VDD = 3.3 V; TA = 25 °C
Sleep mode (4)
2
4
µA
Digital Pins
VIH
SCL, SDA input high
voltage
1.26
V
VIL
SCL, SDA input low
voltage
0.54
V
VOL
INT, SDA output low
voltage
6 mA sink current
0.4
V
CI
Input pin
capacitance
10
pF
Ileak
Leakage current into
SCL, SDA, INT,
GPIO pins
1.5
µA
LED Driver
ILED_ACCURACY
Absolute ILED
accuracy
ILED = 50 mA
TA = 25°C
-30
+30
%
VCOMP
Compliance voltage
of current sink
ILED = 75 mA
500
mV
LED
Vf_LED1
Forward voltage
IF = 25 mA
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com