Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 5 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 5 Page - Clarke International

  PAPR2 Datasheet HTML 1Page - Clarke International PAPR2 Datasheet HTML 2Page - Clarke International PAPR2 Datasheet HTML 3Page - Clarke International PAPR2 Datasheet HTML 4Page - Clarke International PAPR2 Datasheet HTML 5Page - Clarke International PAPR2 Datasheet HTML 6Page - Clarke International PAPR2 Datasheet HTML 7Page - Clarke International PAPR2 Datasheet HTML 8Page - Clarke International PAPR2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
6. DO NOT weld on coated metals such as galvanized, lead, or cadmium plated
steel, unless the coating is removed from the weld area, the area is well
ventilated, and while wearing an air-supplied respirator. The coatings and any
metals containing these elements can give off toxic fumes if welded.
7. Respirator misuse can be hazardous. Welding produces fumes and gases.
Breathing these fumes and gases can be hazardous to your health.
8. Read and follow these instructions and the safety labels carefully. The powered air
purifying respirator (PAPR) helps protect the user from specific airborne
contaminants but must be used correctly to be fully effective. Have an industrial
hygienist test the air in your facility to ensure the PAPR provides adequate
protection from contaminants in your environment. If you have questions about
the respirator, see equipment warning label and consult your Safety Director and a
certified Industrial Hygienist.
9. Follow all applicable EN/ANSI/CSA/AS & NZS and other regulatory guidelines
pertaining to the use of respirators.
10. DO NOT use the powered air purifying respirator where there is danger of fire of
explosion.
11. DO NOT use the powered air purifying respirator in windy conditions or negative
pressure inside the hood may draw in contaminants from the outside air.
12. DO NOT use the powered air purifying respirator without a properly installed
spark guard cover.
13. Without the spark guard cover, welding sparks may ignite the filter or damage the
filters and allow unfiltered air into the helmet.
14. The powered air purifying respirator does not supply oxygen. Use the respirator
only in atmospheres for which it is EN/ANSI/CSA/AS&NZS approved. DO NOT use
the respirator where oxygen levels are 19.5% or lower, where contaminant levels
are unknown or are immediately dangerous to life or health, or where the
contaminant levels exceed the respirator specifications.
15. DO NOT enter a hazardous area until you are sure the respirator equipment is
correctly assembled, working properly, and properly worn.
16. Before each use, inspect the respirator equipment for damage and verify it
operates properly,
17. Before using the respirator, test air flow to verify it is providing an adequate
volume of air.
18. DO NOT use the powered air purifying respirator without all filter components or
with the blower turned off hazardous levels of oxygen and carbon dioxide may
accumulate in helmet.
19. ALWAYS wear the powered air purifying respirator when entering a
contaminated area. Do not remove the respirator until outside the contaminated
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com