Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 18 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 18 Page - Clarke International

Back Button PAPR2 Datasheet HTML 14Page - Clarke International PAPR2 Datasheet HTML 15Page - Clarke International PAPR2 Datasheet HTML 16Page - Clarke International PAPR2 Datasheet HTML 17Page - Clarke International PAPR2 Datasheet HTML 18Page - Clarke International PAPR2 Datasheet HTML 19Page - Clarke International PAPR2 Datasheet HTML 20Page - Clarke International PAPR2 Datasheet HTML 21Page - Clarke International PAPR2 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
RESPIRATOR CARE & MAINTENANCE
The respirator must be used together with the correct particle filter at all times.
The particle filter can not be cleaned. Do not attempt to remove contamination using
for example, compressed air, as this will destroy the filters, which will not give the
expected protection and the warranty will be invalidated.
Do not store outside the temperature range -5'C to +55 'C or in relative humidity
greater than 90%. The filter must be kept clean from dust and large particles.
MARKINGS
The particle filters are marked according to EN12941:1998+Al:2003+A2:2008,
EU2016/425.
TH2P RSL: Class TH2, protection against Particulate, SL = particles of liquid or solid
material in aerosol form.
Filter type: HFR1000
FILTER REPLACEMENT
1. Blower body
2. HEPA Filter
3. Foam pre-filter
4. Cover
Attention: Filter screen and foam pre-filter
protects increases the life of the particle
filter HFS-1000.
CLEANING
Detach the battery pack, the breathing
tube and the blower. Inspect all parts for
damage and replace any damaged parts
prior to storage or next use.
a. Blower: Clean the outer surfaces of
PAPR assembly and battery pack with a
soft cloth dampened in a solution of
water and mild, pH neutral detergent. Do not immerse the blower or battery pack
in water. DO NOT use solvents or abrasive cleaners. DO NOT attempt to clean the
interior of the blower with compressed air or vacuum. Ensure the electrical
contacts of the blower and battery pack are dry.
b. Breathing tube: Clean the connection sites on the breathing tube with a water
and detergent solution. The breathing tube can be immersed in water for cleaning.
The inside of the tube must be completely dried prior to use or storage. Air dry, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com