Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 3 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 3 Page - Clarke International

  PAPR2 Datasheet HTML 1Page - Clarke International PAPR2 Datasheet HTML 2Page - Clarke International PAPR2 Datasheet HTML 3Page - Clarke International PAPR2 Datasheet HTML 4Page - Clarke International PAPR2 Datasheet HTML 5Page - Clarke International PAPR2 Datasheet HTML 6Page - Clarke International PAPR2 Datasheet HTML 7Page - Clarke International PAPR2 Datasheet HTML 8Page - Clarke International PAPR2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRODUCT SPECIFICATIONS
DARKENING HELMET
AIR PURIFYING RESPIRATOR
Viewing field (W x L)
43 x 98 mm
Shade available in Light State
DIN4
Shade available in Dark State
DIN 9-13
UV/IR protection
Max shade DIN16 at all times
Operating temperature range
-5oC - +55oC
Weight
400g
Switching time from light to dark
1/30,000 second
Delay time from dark to light
0.1 - 1.0 second
Lens power control
Auto-on
Power supply
Solar Cells / 2 x CR2450 Lithium Batteries
Construction material
Polyamide (flame retardant)
Air filter grade (HEPA)
0.3 micron
Air flow
Low speed -150LPM
High speed -180LPM
Operating temperature range
-5OC - +55oC
Storage temperature
-10oC to 50oC
Storage humidity
<90%
Blower unit shelf life
Filter shelf life
1 year
3 years
Battery type
Rechargable lithium ion
Battery charging time
Approx 3 hours
Battery life
500 charges dependant on airflow rate
Run Time
Low speed app 6 hrs/High speed 4hrs
System alarm
85 dBA@10cm
Standard & Class
EN12941 Class TH2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com