Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 13 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 13 Page - Clarke International

Back Button PAPR2 Datasheet HTML 9Page - Clarke International PAPR2 Datasheet HTML 10Page - Clarke International PAPR2 Datasheet HTML 11Page - Clarke International PAPR2 Datasheet HTML 12Page - Clarke International PAPR2 Datasheet HTML 13Page - Clarke International PAPR2 Datasheet HTML 14Page - Clarke International PAPR2 Datasheet HTML 15Page - Clarke International PAPR2 Datasheet HTML 16Page - Clarke International PAPR2 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SECTION 4 - PREPARATION & USE
USING THE HELMET
1. Remove the protective film from the lens cartridge. Remove the outer screen as
on pages 5 & 6 to remove it from the forward surface.
• The lens will be set to Light DIN 4 state, & you will be able to see the
workpiece. The lens will automatically darken when an arc is struck.
2. Test the lens by striking an arc on the workpiece for the first time. Check also that
the outer screen and lens are clean and clear at all times.
3. Change the settings as required using the controls described below. Refer to the
Shade Guide Table on page 15.
HEADGEAR ADJUSTMENT
1. Adjust the headgear diameter with the twist
knob on the back. The knob is locked until
pushed in. Once unlocked, twist clockwise
to tighten and counter-clockwise to loosen.
2. Adjust the height by snapping the pin into
the hole to lock securely in place.
3. To adjust the viewing angle, loosen the
knob on both sides of the helmet and
change. angle locker to the desired tilt
position (5 selection and positioned in the
middle by default). Once achieving the
desire angle, tighten the knobs until snug.
The helmet should still swing up, but it
should not drift downward when in place
for welding.
4. To adjust the distance between the user's
face and ADF, loosen the knobs on both
sides of the helmet until the headband can
move back and forth freely, reposition the
headband at one of the 3 slots as desired (The headband is positioned in the
middle by default). This should be done one side at a time and both sides should
be located at the same position for proper auto-darkening filter operation.
WARNING: IT IS ESSENTIAL THAT AFTER USING THE HEADSHIELD
IN GRINDING MODE, IT SHOULD BE RETURNED TO THE CORRECT
SETTING BEFORE WELDING. FAILURE TO DO THIS COULD LEAD TO
EYE INJURY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com