Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 14 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 14 Page - Clarke International

Back Button PAPR2 Datasheet HTML 10Page - Clarke International PAPR2 Datasheet HTML 11Page - Clarke International PAPR2 Datasheet HTML 12Page - Clarke International PAPR2 Datasheet HTML 13Page - Clarke International PAPR2 Datasheet HTML 14Page - Clarke International PAPR2 Datasheet HTML 15Page - Clarke International PAPR2 Datasheet HTML 16Page - Clarke International PAPR2 Datasheet HTML 17Page - Clarke International PAPR2 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SCREEN SETTINGS
WARNING: DO NOT USE FOR WELDING OUTSIDE THE RANGE OF DIN 9-13.
INJURY TO THE EYES & LOSS OF EYESIGHT MAY BE CAUSED.
On striking an arc, the light created will activate the solar cell and the window will
automatically darken to a pre-set level. The lithium battery will provide the necessary
energy to operate the headshield when there is no arc light. Because the cartridge
assembly is a sealed unit, the battery cannot be replaced. You can adjust this shade
level using the shade adjustment knob on the side of the headshield, corresponding
to the type of welding process.
• There are five levels available; 9, 10, 11, 12 and 13. Check the table on
page 16 to determine which you should select.
SELECT THE GRINDING SETTING
The headshield has a ‘Grinding’ setting on the
selector panel. When set to ‘Grind’ the auto
darkening function is disabled. The headshield
then provides eye and face protection for
sparks and airborne particles created during
grinding activities.
DO NOT WELD WITH “GRIND” SELECTED
SELECT THE SHADE CONTROL
Select the shade DIN 9 to 13 based upon the
welding process you will use by consulting the
"Shade Guide” table. The variable shade
control knob is for internal adjustment. The
welding helmet can also be used to protect the
face when cutting, from shade DIN 5 to 8.
Grind mode DIN 4 prevents filter lens from
auto-darkening for grinding use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com