Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR2 Datasheet(PDF) 10 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 10 Page - Clarke International

Back Button PAPR2 Datasheet HTML 6Page - Clarke International PAPR2 Datasheet HTML 7Page - Clarke International PAPR2 Datasheet HTML 8Page - Clarke International PAPR2 Datasheet HTML 9Page - Clarke International PAPR2 Datasheet HTML 10Page - Clarke International PAPR2 Datasheet HTML 11Page - Clarke International PAPR2 Datasheet HTML 12Page - Clarke International PAPR2 Datasheet HTML 13Page - Clarke International PAPR2 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
To Stop: Press Off button 1 seconds until the audible alarm and blower stop.
The Danger indicator light comes on, the alarm sounds and the blower vibrates if
battery power is low or air flow is reduced due to a dirty filter, blocked breathing tube
or other fault.
The Battery Level indicator light shows the power remaining in the battery.
• Green light goes on: battery level > 90%
• Yellow light goes on: 30% battery level < 90%
• Red light goes on: 10% <battery level < 30%
• Red light flash: battery level < l0%
TESTING THE AIR-FLOW
Disconnect the breathing tube from the
hood.
Insert the flowmeter into the breathing
tube.
Hold the flowmeter straight up and start
the blower.
The flowmeter ball should be above the
MIN mark. If the flowmeter reads MIN or
below, check the battery and filter
elements.
1. Flowmeter
2. Breathing Tube Connector
3. MIN mark
TESTING THE AIRFLOW ALARM
Disconnect the breathing tube from the
hood. Start the blower and block the air
flow by placing your hand over the end of
the breathing tube.
If the alarm does not sound and the
blower does not vibrate, check the battery
and filter element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com