Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 4 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 4 Page - Clarke International

  HS1 Datasheet HTML 1Page - Clarke International HS1 Datasheet HTML 2Page - Clarke International HS1 Datasheet HTML 3Page - Clarke International HS1 Datasheet HTML 4Page - Clarke International HS1 Datasheet HTML 5Page - Clarke International HS1 Datasheet HTML 6Page - Clarke International HS1 Datasheet HTML 7Page - Clarke International HS1 Datasheet HTML 8Page - Clarke International HS1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
perchloroethylene vapours to form phosgene. DO NOT WELD or cut where
solvent vapours can be drawn into the welding or cutting atmosphere or
where the radiant energy can penetrate to atmospheres containing even
minute amounts of trichloroethylene or perchloroethylene.
C) FIRE AND EXPLOSION PREVENTION
Causes of fire and explosion are:
•
Combustibles reached by the arc, flame, flying sparks, hot slag or
heated material.
•
Misuse of compressed gases and cylinders.
•Short circuits.
BE AWARE that flying sparks or falling slag can pass through cracks, along
pipes, through windows or doors, and through wall or floor openings, out of
sight of the goggle wearing operator.
To prevent fire and explosion, keep equipment clean and free of oil, grease,
and (in electrical parts) of metallic particles that can cause short circuits. If
combustibles are in area, do NOT weld. Move the work, if practicable, to an
area free of combustibles.
Avoid working in paint spray rooms, dip tanks, storage areas and ventilators. If
the work cannot be moved, move any combustibles away from sparks and
heat or protect against ignition with suitable fire-resistant covers or shields.
Walls, ceilings and floors near the work should be protected by heat resistant
covers or shields. A Fire Watcher must be standing by with suitable fire
extinguishing equipment during and for some time after welding or cutting if:
•
appreciable combustibles (including building construction) are
within 10m.
•
appreciable combustibles are further than 10m, but could be ignited
by sparks.
•
openings (concealed or visible) in floors or walls exist, which could
expose combustibles to flying sparks.
•
combustibles adjacent to walls, ceilings, roofs or metal partitions
could be ignited by radiant or conducted heat.
After work, check that the area is free of sparks, glowing embers and flames.
An empty container that held combustibles or that can produce flammable
or toxic vapours when heated, must never be welded on or cut, unless the
container has first been cleaned. This includes a thorough steam or caustic
cleaning (or a solvent or water washing, depending on the combustible’s
solubility) followed by purging and inerting with nitrogen or carbon dioxide
and using protective equipment.
Water filling just below the working level may substitute for inerting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com