Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 12 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 12 Page - Clarke International

Back Button HS1 Datasheet HTML 8Page - Clarke International HS1 Datasheet HTML 9Page - Clarke International HS1 Datasheet HTML 10Page - Clarke International HS1 Datasheet HTML 11Page - Clarke International HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW
INVENTORY
Any damage or deficiency should be reported to your CLARKE dealer
immediately. Some of the components are stored within the machine side
compartment. The components include the following:
• 1 x 100 Amp Mig Welder (No Gas / Gas)
• 1 x 0.9 mm tip for no gas welding in the torch
• 1 x 0.9 mm tip
• 1 x 0.8 mm tip
• 1 x 0.6 mm tip
• 1 x 0.9 mm 0.45 kg mini spool flux cored wire (no gas welding)
• 1 x 0.6 mm 0.7 kg mini spool MSW (gas welding)
• 1 x Welding shield
• 1 x Hammer / brush tool
• 2 x Fixing brackets for gas bottle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com