Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 19 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 19 Page - Clarke International

Back Button HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International HS1 Datasheet HTML 19Page - Clarke International HS1 Datasheet HTML 20Page - Clarke International HS1 Datasheet HTML 21Page - Clarke International HS1 Datasheet HTML 22Page - Clarke International HS1 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONNECTING THE GAS SUPPLY
2. Connect a bottled gas supply to
the small tube at the back of the
welder.
MIG WELDING PRINCIPLES
MIG (Metal Inert Gas) welding allows you to fuse together two similar metals
without altering the properties of the metal.
A consumable wire electrode is continuously fed through the welding torch
that is fitted with a concentric gas nozzle. the wire is connected to a high
voltage supply which creates an electric arc between the electrode (the
wire) and the workpiece. The arc is used to create the required heat to turn
the metal into a molten state. The wire is used as both the electrode and as a
filler.
The gas is used to prevent oxidation and to shield the arc and the weld from
atmospheric contamination. The choice of gas is dependent upon the
material being welded.
When using the welder in a gasless configuration the shielding gas is created
from the flux within the welding wire.
When using the welder outside you may need to erect a wind break to make
sure the shielding gas is not blown away, thereby leaving a poor quality weld.
Metal Being Welded
Suitable Gas
Part No
Mild Steel
Carbon Dioxide (CO2)
6000643
Stainless Steel
Argon
6000661
Thin Sheet Metal/Mild Steel
Carbon Dioxide (CO2)/Argon Mix
6000660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com