Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 26 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 26 Page - Clarke International

Back Button HS1 Datasheet HTML 22Page - Clarke International HS1 Datasheet HTML 23Page - Clarke International HS1 Datasheet HTML 24Page - Clarke International HS1 Datasheet HTML 25Page - Clarke International HS1 Datasheet HTML 26Page - Clarke International HS1 Datasheet HTML 27Page - Clarke International HS1 Datasheet HTML 28Page - Clarke International HS1 Datasheet HTML 29Page - Clarke International HS1 Datasheet HTML 30Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MACHINE RATING PLATE
1
Manufacturer name and address
11
Protect from rain
2
Model number, part number
12
Class of protection
3
Batch number
13
Rated supply voltage
4
Single phase transformer-rectifier
14
Rated maximum supply current
5
British Standards applied
15
Load voltage symbol
6
Welding process (MIG)
16
Rated maximum supply current
7
Min+max welding current and
corresponding load voltages
17
Maximum effective supply current
8
Welding Current symbol - DC.
18
Class of protection
9
Rated no-load voltage
19
Rated maximum welding time in
continuous modeat the maximum
welding current at an ambient
temperature of 20oC, expressed
in minutes and seconds.
10 Energy Input symbol
20
Rated maximum welding time in
intermittent mode at therated
maximumwelding current at an
ambient temperature of 20oC,
expressed in minutes & seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com