Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 16 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 16 Page - Clarke International

Back Button HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International HS1 Datasheet HTML 19Page - Clarke International HS1 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MOUNTING THE WELDING WIRE SPOOL
NOTE: Spools of welding wire are available from your CLARKE dealer.
1. Open the side panel by pushing
the latch down and allowing the
side panel to open.
2. Remove the locking wingnut and
retaining disc.
3. Place a spool of welding wire over
the spindle.
• DO NOT release the tension on
the wire, as it will unravel
causing feeding problems later.
• The wire will feed off the spool clockwise from the top of the reel.
• The spool must be fitted in the correct orientation otherwise it will not
feed correctly.
SETTING THE DRIVE ROLLER SIZE
1. Loosen the tensioning knob and
pivot it towards you.
2. Lift up the arm.
3. Take hold of the triangular knob
on the drive roller cover and
rotate it 90°anticlockwise to
release it.
4. Pull the roller retainer off the drive
spindle to reveal the roller.
5. Pull the roller off the drive spindle.
• The groove size is stamped on the corresponding side of the roller.
Select the groove size according to the size of the wire you are using
and put the roller back on the spindle with your chosen side facing
you.
6. Replace the drive roller cover back onto the drive spindle with the opening
facing right.
WARNING: MAKE SURE THAT THE WELDER IS NOT CONNECTED TO THE
MAINS SUPPLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com