Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1 Datasheet(PDF) 18 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 18 Page - Clarke International

Back Button HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International HS1 Datasheet HTML 19Page - Clarke International HS1 Datasheet HTML 20Page - Clarke International HS1 Datasheet HTML 21Page - Clarke International HS1 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
10. Release the trigger and switch off the welder and disconnect the machine
from the mains supply.
11. Refit the appropriate size contact tip (the 0.9 mm tip, for no gas welding is
supplied fitted) to suit your wire and replace the shroud.
• A spare 0.8 mm tip is supplied loose and should be used when using
0.6/0.8 mm mild steel solid wire.
12. Trim the welding wire so that it protrudes no more than 5 mm from the end
of the contact tip.
GAS/NO-GAS SELECTION
The welder can be configured to
weld, with or without a gas supply
according to the type of welding
wire being used.
• Mild steel solid core (With Gas)
• Flux cored (No Gas)
WELDING WITHOUT GAS
1. If using 0.9mm flux cored wire,
connect the terminal as shown.
• The earth cable (Thicker Lead)
should be connected to the
positive (Red) terminal.
• The cable from torch (Thinner
Lead) should be connected to
the Negative (Black) terminal.
WELDING WITH GAS
1. If using solid cored wire 0.6/0.8mm
wire, connect the terminal as
shown.
• The earth cable (Thicker Lead)
should be connected to the
negative (Black) terminal.
• The cable from torch (Thinner
Lead) should be connected to
the positive (Red) terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com