Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 32 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
L1
K1
120
J1
96
65
-
P602
EBC
LK
SD
CLK
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_DA
TA0
4_A
L2
K2
121
J2
97
66
-
-
P601
WR/
WR0
DQ
M0
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_DA
TA0
3_A
L3
L1
122
H4
98
67
-
-
P600
RD
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_DA
TA0
2_A
M2
K4
123
K2
99
-
VCC
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
M1
L4
124
K1
100
-
VSS
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
K4
L2
125
J3
101
68
-
KR0
7
P107
D07
DQ
07
--
GTI
OC
8A_
A
--
CTS
8_R
TS8
_A/S
S8_
A
-
-
----
-
-
-
-
-
LCD
_DA
TA0
1_A
L4
M1
126
K3
102
69
-
KR0
6
P106
D06
DQ
06
--
GTI
OC
8B_
A
--
SCK
8_A
--SS
LA3
_A
---
-
-
-
-
-
LCD
_DA
TA0
0_A
M3
L3
127
J4
103
70
-
IRQ
0/K
R05
P105
D05
DQ
05
-GTE
TRG
A_C
--
-
TXD
8_A/
MO
SI8_
A/S
DA8
_A
--SS
LA2
_A
---
-
-
-
-
-
LCD
_TC
ON3
_A
N3
M2
128
L3
104
71
-
IRQ
1/K
R04
P104
D04
DQ
04
-GTE
TRG
B_B
--
-
RXD
8_A/
MIS
O8_
A/S
CL8
_A
--SS
LA1
_A
---
-
-
-
-
-
LCD
_TC
ON2
_A
N2
N1
129
L1
105
72
-
KR0
3
P103
D03
DQ
03
-GTO
WU
P_A
GTI
OC
2A_
A
--
CTS
0_R
TS0
_A/S
S0_
A
--SS
LA0
_A
---
-
-
-
-
-
LCD
_TC
ON1
_A
N1
M3
130
M1
106
73
-
KR0
2
P102
D02
DQ
02
AGT
O0
GTO
WL
O_A
GTI
OC
2B_
A
--
SCK
0_A
--RS
PC
KA
_A
---
-
-
AD
TR
G0
_A
--
LCD
_TC
ON0
_A
P1
N2
131
M2
107
74
-
IRQ
1/K
R01
P101
D01
DQ
01
AGT
EE0
GTE
TRG
B_A
--
-
TXD
0_A/
MO
SI_A
/SD
A0_
A
CTS
1_R
TS1
_A/
SS1
_A
SDA
1_B
MO
SIA
_A
---
-
-
-
-
-
LCD
_CL
K_A
R1
P1
132
N1
108
75
-
IRQ
2/K
R00
P100
D00
DQ
00
AGT
IO0_
A
GTE
TRG
A_A
--
-
RXD
0_A/
MIS
O0_
A/S
CL0
_A
SCK
1_A
SCL
1_B
MIS
OA
_A
---
-
-
-
-
-
LCD
_EX
TCL
K_A
P2
N3
133
L2
109
-
-
-
P800
D14
DQ
14
-
-
--
-
-
-
-
----
-
-
-
-
-
-
R2
R1
134
N2
110
-
-
-
P801
D15
DQ
15
-
-
--
-
-
-
-
----
-
SD1
DAT
4
--
-
-
K7
-
-
-
-
-
-
-
P808
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
K8
-
-
-
-
-
-
-
P809
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
P3
-
-
-
-
-
-
-
P810
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
R3
P2
135
-
-
-
-
-
P802
-
-
-
-
--
-
-
-
-
----
-
SD1
DAT
5
--
-
LCD
_DA
TA0
2_B
P4
R2
136
-
-
-
-
-
P803
-
-
-
-
--
-
-
-
-
----
-
SD1
DAT
6
--
-
LCD
_DA
TA0
1_B
M4
P3
137
-
-
-
-
P804
-
-
-
-
--
-
-
-
-
----
-
SD1
DAT
7
--
-
LCD
_DA
TA0
0_B
L5
-
-
-
-
-
-
P811
-
-
-
-
-
-
CTX
0_C
-
-
-
----
-
-
-
-
-
-
L6
-
-
-
-
-
-
P812
-
-
-
-
-
-
CRX
0_C
-
-
-
----
-
-
-
-
-
-
L7
N4
138
N3
111
-
VCC
-
-
-
-
-
--
-
-
-
----
-
-
-
-
-
-
L8
M4
139
M3
112
-
VSS
-
-
-
-
-
--
-
-
-
----
-
-
-
-
-
-
Table 1.18
Pin list (8 of 10)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com