Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 64Page - Renesas Technology Corp S7G2 Datasheet HTML 65Page - Renesas Technology Corp S7G2 Datasheet HTML 66Page - Renesas Technology Corp S7G2 Datasheet HTML 67Page - Renesas Technology Corp S7G2 Datasheet HTML 68Page - Renesas Technology Corp S7G2 Datasheet HTML 69Page - Renesas Technology Corp S7G2 Datasheet HTML 70Page - Renesas Technology Corp S7G2 Datasheet HTML 71Page - Renesas Technology Corp S7G2 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 68 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.3.10
SCI Timing
Note 1. tPcyc: PCLKA cycle.
Figure 2.37
SCK clock input/output timing
Figure 2.38
SCI input/output timing in clock synchronous mode
Table 2.23
SCI timing (1)
Conditions: High drive output is selected in the port drive capability bit in the PmnPFS register for the following pins: SCK0 to SCK9
(except for SCK4_B, SCK7_A).
For other pins, middle drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
SCI
Input clock cycle
Asynchronous
tScyc
4
-
tPcyc
Figure 2.37
Clock
synchronous
6-
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
-5
ns
Input clock fall time
tSCKf
-5
ns
Output clock cycle
Asynchronous
tScyc
6-
tPcyc
Clock
synchronous
4-
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
-5
ns
Output clock fall time
tSCKf
-5
ns
Transmit data delay
Clock
synchronous
tTXD
-25
ns
Figure 2.38
Receive data setup time
Clock
synchronous
tRXS
15
-
ns
Receive data hold time
Clock
synchronous
tRXH
5-
ns
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 0 to 9)
tTXD
tRXS tRXH
TxDn
RxDn
SCKn
n = 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com