Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  S7G2 Datasheet HTML 1Page - Renesas Technology Corp S7G2 Datasheet HTML 2Page - Renesas Technology Corp S7G2 Datasheet HTML 3Page - Renesas Technology Corp S7G2 Datasheet HTML 4Page - Renesas Technology Corp S7G2 Datasheet HTML 5Page - Renesas Technology Corp S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 1 of 117
Sep 24, 2025
Features
■ Arm Cortex-M4 Core with Floating Point Unit (FPU)
 Armv7E-M architecture with DSP instruction set
 Maximum operating frequency: 240 MHz
 Support for 4-GB address space
 On-chip debugging system: JTAG, SWD, and ETM
 Boundary scan and Arm Memory Protection Unit (Arm MPU)
■ Memory
 Up to 4-MB code flash memory (80 MHz zero wait states)
 64-KB data flash memory (125,000 erase/write cycles)
 Up to 640-KB SRAM
 Flash Cache (FCACHE)
 Memory Protection Units (MPU)
 Memory Mirror Function (MMF)
 128-bit unique ID
■ Connectivity
 Ethernet MAC Controller (ETHERC) × 2
 Ethernet DMA Controller (EDMAC)
 Ethernet PTP Controller (EPTPC)
 USB 2.0 High-Speed (USBHS) module
- On-chip transceiver
- USB battery charge version 1.2 supported
 USB 2.0 Full-Speed (USBFS) module
- On-chip transceiver
 Serial Communications Interface (SCI) with FIFO × 10
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 3
 CAN module (CAN) × 2
 Serial Sound Interface (SSI) × 2
 SD/MMC Host Interface (SDHI) × 2
 Quad Serial Peripheral Interface (QSPI)
 IrDA interface
 Sampling Rate Converter (SRC)
 External memory space
- 8-bit or 16-bit bus space is selectable per area
- SDRAM support
■ Analog
 12-bit A/D Converter (ADC12) with 3 sample-and-hold circuits
each × 2
 12-bit D/A Converter (DAC12) × 2
 High-Speed Analog Comparator (ACMPHS) × 6
 Programmable Gain Amplifier (PGA) × 6
 Temperature Sensor (TSN)
■ Timers
 General PWM Timer 32-bit Enhanced High Resolution
(GPT32EH) × 4
 General PWM Timer 32-bit Enhanced (GPT32E) × 4
 General PWM Timer 32-bit (GPT32) × 6
 Low Power Asynchronous General-Purpose Timer (AGT) × 2
 Watchdog Timer (WDT)
■ Safety
 SRAM parity error check
 Flash area protection
 ADC self-diagnosis function
 Clock Frequency Accuracy Measurement Circuit (CAC)
 Cyclic Redundancy Check (CRC) calculator
 Data Operation Circuit (DOC)
 Port Output Enable for GPT (POEG)
 Independent Watchdog Timer (IWDT)
 GPIO readback level detection
 Register write protection
 Main oscillator stop detection
 Illegal memory access
■ System and Power Management
 Low power modes
 Switching regulator
 Realtime Clock (RTC) with calendar and VBATT support
 Event Link Controller (ELC)
 DMA Controller (DMAC) × 8
 Data Transfer Controller (DTC)
 Key Interrupt Function (KINT)
 Power-on reset
 Low Voltage Detection (LVD) with voltage settings
■ Security and Encryption
 AES128/192/256
 3DES/ARC4
 SHA1/SHA224/SHA256/MD5
 GHASH
 RSA/DSA/ECC
 True Random Number Generator (TRNG)
■ Human Machine Interface (HMI)
 Graphics LCD Controller (GLCDC)
 JPEG Codec
 2D Drawing Engine (DRW)
 Capacitive Touch Sensing Unit (CTSU)
 Parallel Data Capture Unit (PDC)
■ Multiple Clock Sources
 Main clock oscillator (MOSC) (8 to 24 MHz)
 Sub-clock oscillator (SOSC) (32.768 kHz)
 High-speed on-chip oscillator (HOCO) (16/18/20 MHz)
 Middle-speed on-chip oscillator (MOCO) (8 MHz)
 Low-speed on-chip oscillator (LOCO) (32.768 kHz)
 IWDT-dedicated on-chip oscillator (15 kHz)
 Clock trim function for HOCO/MOCO/LOCO
 Clock out support
■ General-Purpose I/O Ports
 Up to 172 input/output pins
- Up to 9 CMOS input
- Up to 163 CMOS input/output
- Up to 22 input/output 5 V tolerant
- Up to 24 high current (20 mA)
■ Operating Voltage
 VCC: 2.7 to 3.6 V
■ Operating Temperature and Packages
 Ta = -40°C to +85°C
- 224-pin BGA (13 mm × 13 mm, 0.8 mm pitch)
- 176-pin BGA (13 mm × 13 mm, 0.8 mm pitch)
- 145-pin LGA (7 mm × 7 mm, 0.5 mm pitch)
 Ta = -40°C to +105°C
- 176-pin LQFP (24 mm × 24 mm, 0.5 mm pitch)
- 144-pin LQFP (20 mm × 20 mm, 0.5 mm pitch)
- 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
Leading performance 240-MHz Arm® Cortex®-M4 core, up to 4-MB code flash memory, 640-KB SRAM, Graphics LCD
Controller, 2D Drawing Engine, Capacitive Touch Sensing Unit, Ethernet MAC Controller with IEEE 1588 PTP, USB 2.0
High-Speed, USB 2.0 Full-Speed, SDHI, Quad SPI, security and safety features, and advanced analog.
S7G2 Microcontroller Group
Datasheet
Features
R01DS0262EU0150
Rev.1.50
Sep 24, 2025
Datasheet


Similar Part No. - S7G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
More results

Similar Description - S7G2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
M30240 MITSUBISHI-M30240 Datasheet
901Kb / 142P
M30240 Group Specification
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Renesas Technology Corp
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
R8C/33T Group
logo
Semtech Corporation
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
LIQUID CRYSTAL DISPLAY GROUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com