Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 39 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Note 1. This is the value when low driving ability is selected in the port drive capability bit in the PmnPFS register. The
selected driving ability is retained in Deep Software Standby mode.
Note 2. This is the value when middle driving ability is selected in the port drive capability bit in the PmnPFS register. The
selected driving ability is retained in Deep Software Standby mode.
Note 3. This is the value when high driving ability is selected in the port drive capability bit in the PmnPFS register. When
the following ports are configured for high driving ability, they shift to middle driving ability during Deep Software
Standby mode: P203 to P207, P407 to P415, P602, P708 to P713, P813, PA12 to PA15, PB01.
Note 4. Except for P000 to P007, P200, which are input ports.
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in the
preceding table. The average output current indicates the average value of current measured during
100 μs.
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1. SCL0_A, SDA0_A (total 2 pins).
Note 2. This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. Even
when high driving ability is selected, IOH and IOL shift to middle driving ability during Deep Software Standby
mode.
When medium or low driving ability is selected, refer to the values of other output pins.
Permissible output current
(max value total pins)
Maximum of all output pins
ΣIOH (max)
---80
mA
ΣIOL (max)
--80
mA
Table 2.6
I/O VOH, VOL, and other characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC
VOL
--
0.4
V
IOL = 3.0 mA
VOL
--
0.6
IOL = 6.0 mA
IIC
*1
VOL
--
0.4
IOL = 15.0 mA
(ICFER.FMPE = 1)
VOL
-0.4
-
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC
VOH
VCC - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.4
IOL = 1.0 mA
Ports P205, P206, P407 to P415,
P602, P708 to P713, P813, PA12 to
PA15, PB01 (total 24 pins)
*2
VOH
VCC - 1.0
-
-
IOH = -20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Other output pins
VOH
VCC - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Input leakage current
RES
|Iin|-
-
5.0
μAVin = 0 V
Vin = 5.5 V
Ports P000 to P007, P200
-
-
1.0
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5V-tolerant ports
|ITSI|-
-
5.0
μAVin = 0 V
Vin = 5.5 V
Other ports (except for ports P000
to P007, P200)
--
1.0
Vin = 0 V
Vin = VCC
Input pull-up MOS current
Ports P0 to PB (except for ports
P000 to P007)
Ip
-300
-
-10
μA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input capacitance
USB_DP, USB_DM, and ports
P003, P007, P014, P015,P400,
P415, P401, P511, P512
Cin
-
-
16
pF
Vbias = 0V
Vamp = 20mV
f = 1 MHz
Ta = 25°C
Other input pins
-
-
8
Table 2.5
I/O IOH, IOL (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com