Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp S7G2 Datasheet HTML 47Page - Renesas Technology Corp S7G2 Datasheet HTML 48Page - Renesas Technology Corp S7G2 Datasheet HTML 49Page - Renesas Technology Corp S7G2 Datasheet HTML 50Page - Renesas Technology Corp S7G2 Datasheet HTML 51Page - Renesas Technology Corp S7G2 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 48 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Figure 2.9
Power-on reset timing
Figure 2.10
Reset input timing
2.3.4
Wakeup Timing and Duration
Table 2.17
Timing of recovery from low power modes and duration
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time
from Software
Standby mode*1
Crystal
resonator
connected
to main
clock
oscillator
System clock source is main
clock oscillator*2
tSBYMC
--
2.8
ms
Figure 2.11
The division ratio of
all oscillators is 1.
System clock source is PLL
with main clock oscillator*3
tSBYPC
--
3.2
ms
External
clock input
to main
clock
oscillator
System clock source is main
clock oscillator*4
tSBYEX
--
280
μs
System clock source is PLL
with main clock oscillator*5
tSBYPE
--
700
μs
System clock source is sub-clock
oscillator*8
tSBYSC
--1.3
ms
System clock source is LOCO*8
tSBYLO
--1.4
ms
System clock source is HOCO clock
oscillator*6
tSBYHO
-
-
300
µs
System clock source is MOCO clock
oscillator*7
tSBYMO
-
-
300
µs
Recovery time from Deep Software Standby mode
tDSBY
--1.0
ms
Figure 2.12
Wait time after cancellation of Deep Software Standby mode
tDSBYWT
31
-
32
tcyc
Recovery time
from Software
Standby mode to
Snooze mode
High-speed mode when system clock
source is HOCO (20 MHz)
tSNZ
--68
μs
Figure 2.13
High-speed mode when system clock
source is MOCO (8 MHz)
tSNZ
-
-
14*9
μs
Normal mode
duration*10
System clock source is main clock
oscillator
tNML
-*11
--tcycmosc Figure 2.11
System clock source is PLL with main
clock oscillator
VCC
RES
Internal reset signal
(active-low)
tRESWP
tRESWT
RES
Internal reset signal
(active-low)
tRESWD, tRESWS, tRESW
tRESWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com