Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 49Page - Renesas Technology Corp S7G2 Datasheet HTML 50Page - Renesas Technology Corp S7G2 Datasheet HTML 51Page - Renesas Technology Corp S7G2 Datasheet HTML 52Page - Renesas Technology Corp S7G2 Datasheet HTML 53Page - Renesas Technology Corp S7G2 Datasheet HTML 54Page - Renesas Technology Corp S7G2 Datasheet HTML 55Page - Renesas Technology Corp S7G2 Datasheet HTML 56Page - Renesas Technology Corp S7G2 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 53 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.3.6
Bus Timing
Table 2.19
Bus timing
Condition 1: When using the CS area controller (CSC).
BCLK = 8 to 60 MHz
VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
EBCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 2: When using the SDRAM area controller (SDRAMC).
BCLK = SDCLK = 8 to 120 MHz
VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, VREFH/VREFH0 = 3.0 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
High drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 3: When using the SDRAM area controller (SDRAMC) and CS area controller (CSC) simultaneously.
BCLK = SDCLK = 8 to 60 MHz
VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, VREFH/VREFH0 = 3.0 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
High drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
Address delay
tAD
-
12.5
ns
Figure 2.16 to
Figure 2.19
Byte control delay
tBCD
-
12.5
ns
CS delay
tCSD
-
12.5
ns
RD delay
tRSD
-
12.5
ns
Read data setup time
tRDS
12.5
-
ns
Read data hold time
tRDH
0-
ns
WR/WRn delay
tWRD
-
12.5
ns
Write data delay
tWDD
-
12.5
ns
Write data hold time
tWDH
0-
ns
WAIT setup time
tWTS
12.5
-
ns
Figure 2.20
WAIT hold time
tWTH
0-
ns
Address delay 2 (SDRAM)
tAD2
0.8
6.8
ns
Figure 2.21 to
Figure 2.27
CS delay 2 (SDRAM)
tCSD2
0.8
6.8
ns
DQM delay (SDRAM)
tDQMD
0.8
6.8
ns
CKE delay (SDRAM)
tCKED
0.8
6.8
ns
Read data setup time 2 (SDRAM)
tRDS2
2.9
-
ns
Read data hold time 2 (SDRAM)
tRDH2
1.5
-
ns
Write data delay 2 (SDRAM)
tWDD2
-
6.8
ns
Write data hold time 2 (SDRAM)
tWDH2
0.8
-
ns
WE delay (SDRAM)
tWED
0.8
6.8
ns
RAS delay (SDRAM)
tRASD
0.8
6.8
ns
CAS delay (SDRAM)
tCASD
0.8
6.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com