Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
A22E
8
Accessories (Order Separately)
Note: For details on the accessories common to the screw terminal block types and push-in plus terminal block types, refer to "Common
Accessories and Tools (Order Separately)"
on page 32.
Item
Appearance
Contact specifications
Model
Remarks
Switch Blocks
(one contact)
1NO (Black)
Standard load
A22-10
Provided as standard.
Order Switch Blocks only when
adding or replacing them.
Microload
A22-10S
1NC (Red)
Standard load
A22-01
Microload
A22-01S
Switch Blocks
(two contacts)
2NO (Black)
Standard load
A22-20
Order Switch Blocks only when
adding or replacing them.
Microload
A22-20S
2NC (Red)
Standard load
A22-02
Microload
A22-02S
1NC + 1NO
Contact (Black/
Red)
Standard load
A22-11
Microload
A22-11S
Lighting unit
Direct lighting
A22-TN
Used when changing the lighting
method.
Voltage-reduction
lighting
100 VAC
A22-T1
200 VAC
A22-T2
Mounting Latches
---
A22-3200
Provided as standard.
Order Mounting Latches only when
mounting Switch Blocks or Lighting
Units that are purchased
individually.
Lock Plate
---
A22Z-3380
Use to fix the lever on the Switch.
Control Boxes
(Enclosures)
One hole, yellow box
A22Z-B101Y
Material: Polycarbonate resin.
The A22Z-B101Y does not support
2NO, 2NC, or 1NC + 1NO two-
contacts Switch Blocks.
A22Z-B201Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com