Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) Screw Terminal Block types
A22E
Install in 22-dia. or 25-dia. Panel Cutout
(When Using a Ring)
• Increase wiring efficiency with three-row mounting of Switch
Units. (with non-lighted Switch Blocks, three Units can be
mounted for multiple contacts).
• Mounted using either open-type (fork-type) or closed-type
(round-type) crimp terminals.
• Oil-resistant to IP65 (non-lighted models) / IP65 (lighted models).
• A lock plate is provided as a standard feature to ensure that the
control box and switch are not easily separated.
Model Number Structure
Model Number Legend (Completely Assembled)........Shipped as a set which includes the Operation Unit, LED
Lamp (lighted model only), Mounting Latches, Switch
Block, and Lock Plate
Be sure to read the "Safety Precautions" on pages 15 and 37.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
1. Lighted/Non-lighted
4. Contacts
5. Configuration
3. LED Lamp voltage
Lighting unit (Direct lighting)
Lighting unit (Voltage-reduction lighting)
2. Operation Unit size (diameter)/Reset function
Code
Description
None
Non-lighted
L
Lighted
*
Code
None
B
Configuration
Switch only
Note 1. NO: 1a-contact
NC: 1b-contact
2. For details on the unit position, refer to the figure below.
Switch with Integrated Control Box
Code
Size
Description
MP
40 dia.
Pull-reset
S
30 dia.
Turn-reset
M40 dia.
L60 dia.
Code
Description
Operating Voltage
Lighted
(LED)
*
None
Non-lighted
---
6 A
12 A
12 VAC/DC
6 VAC/DC
24 A
24 VAC/DC
* Equipped with 24-VAC/DC LED.
Code
Operating Voltage
T2
200 VAC
T1
100 VAC
* Lighted Emergency
Stop Switches are
available only for the
medium (M). turn-reset
models.
6. Configuration
Code
Configuration
Neither “EMO” nor “EMS” printed, arrows engraved in red.
“EMO” printed in white, arrows engraved in red.
“EMO” and arrows printed in white.
None
EMO-RD
EMO
“EMS” and arrows printed in white.
EMS
EMS-RD “EMS” printed in white, arrows engraved in red.
Lighted
(LED)
*
Description
(Example: A22EL-M-24A-01)
Number of
Switch Blocks
Unit position
Non-lighted
Code
Lighted
NO
NC
1
2
3
1
2
3
0
1
---
---
NC
---
Lighting unit
NC
11
NC NO
Lighting unit
NC
02
NC
---
NC NC
Lighting unit
NC
01
11
02
12
NC
NO NC
03
NC NC NC
12
03
---
NO
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com