Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
A22NE-P
22
Characteristics
*1. State when an LED is not added between terminals of the same polarity on a lighting unit. Does not apply to lighted-type 100 to 200 V lighting
units.
*2. With no icing or condensation.
*3. The degree of protection from the front of the panel.
*4. The degree of protection is IP65 even with an integrated control box, but the system is not oil resistant.
Operating Characteristics
* Rotation torque value.
Terminal Arrangement (BOTTOM VIEW)
Type
Turn-reset
Pull-reset
Item
Non-lighted model
Lighted Model
Non-lighted model
Allowable operating
frequency
Mechanical
30
operations/minute or less (One operation consists of set and reset operations.)
Electrical
30
operations/minute or less (One operation consists of set and reset operations.)
Insulation resistance *1
100 M
Ω min. (at 500 VDC)
Contact resistance
100 m
Ω max. (initial value)
Dielectric strength
Between terminals of
same polarity *1
2,500 VAC, 50/60 Hz 1 minute (initial value)
Between each terminal
and ground
2,500 VAC, 50/60 Hz 1 minute (initial value)
Vibration resistance Malfunction
10 to 55 Hz, 1.5 mm double amplitude (contact separation within 1 ms)
Shock resistance
Malfunction
250 m/s2 max. (contact separation within 1 ms)
Durability
Mechanical
300,000 operations min. (One operation consists of set and reset operations.)
Electrical
300,000 operations min. (One operation consists of set and reset operations.)
Ambient operating temperature *2
-20 to +70°C
-20 to +55°C
-20 to +70°C
Ambient operating humidity
35 to 85% RH
Ambient storage temperature *2
-40 to +70°C
Degree of protection*3
IP65 (oil-resistant) *4
IP65
IP65 (oil-resistant) *4
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN 60947-5-1)
Minimum direct opening stroke
11 mm
Minimum direct opening force
45 N
Conditional short-circuit current
100 A (EN 60947-5-1)
Wight
(for a 40-dia. head 1NC/1NO Operation Unit)
Approx. 55g
Approx. 60g
Approx. 85 g
Item
Turn-reset
Pull-reset
Total travel force (TTF)
45 N max.
60 N max.
Return force (RF)
0.25N·m
* max.
60 N max.
Total travel (TT)
10 ±1 mm
5.5 ±1 mm
Non-lighted (two contacts)
Non-lighted (three contacts)
Lighted (two contacts)
Terminal
(insertion) hole
Lock lever
(17.6°)
(20°)
10
20
31.9
4
Switch Blocks
Lock lever
Terminal
(insertion) hole
(17.6°)
(20°)
10
20
31.9
4
Switch Blocks
Lock lever
Lighting unit
Terminal
(insertion) hole
(17.6°)
(20°)
10
20
31.9
4
Switch Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com