Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
A22NE-P
21
Specifications
Certified Standard Ratings
• UL508 (File No. E76675), CSA C22.2 No.14
6 A at 240 VAC, 10 A at 120 VAC
• TÜV (EN60947-5-1) - Certified direct opening -
(EN60947-5-5)
AC-15 3 A at 240 VAC
DC-13 4 A at 24 VDC
• CCC (GB14048.5)
AC-15 3 A at 240 VAC
DC-13 4 A at 24 VDC
Applicable Standards
UL1059, UL486E (Push-in Plus Terminal Block Types)
Note: Use a 10 A fuse type gI or gG that conforms to IEC60269 as a
short-circuit protection device. This fuse is not provided in the
main unit.
Certified Standards
Note: Only models with NC contacts have a direct opening
mechanism.
* UL-certification for CSA C22.2 No. 14 has been obtained.
Ratings
Contacts (Standard Load)
Note: 1. The above ratings were obtained by conducting tests under
the following conditions.
(1) Ambient temperature: 20
°±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 30 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC (Resistive load)
The operating range may vary depending on the usage
conditions and type of load.
LED Lamp
Certification
body
Standards
File No.
UL
*
UL508, C22.2 No.14
E76675
TÜV SÜD
EN60947-5-1
(Certified direct opening),
EN60947-5-5
Consult your OMRON
representative for details.
CQC (CCC)
GB14048.5
2017010305959182
Rated
insulation
voltage (V)
Rated carry
current (A)
Rated
voltage
(V)
Rated current (A)
AC15
(Inductive
load)
AC12
(Resistive
load)
DC13
(Inductive
load)
DC12
(Resistive
load)
600
10
24 VAC
10
10
---
---
120 VAC
6
10
240 VAC
3
6
380 VAC
1.9
2
440 VAC
1.6
2
24 VDC
---
---
48
120 VDC
1.1
2.2
240 VDC
0.55
1.1
Rated voltage
Operating voltage
Current value
6 VAC/VDC
6 VAC/VDC ± 10%
Approx. 11 mA
12 VAC/VDC
12 VAC/VDC ± 10%
Approx. 12 mA
24 VAC/VDC
24 VAC/VDC ± 10%
Approx. 12 mA
100 VAC
100 VAC ± 10%
Approx. 12 mA
110 VAC
110 VAC ± 10%
120 VAC
100 VAC to 130 VAC
200 VAC
200 VAC ± 10%
Approx. 12 mA
220 VAC
220 VAC ± 10%
230 VAC
230 VAC ± 10%
240 VAC
220 VAC to 250 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com