Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 32Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 33Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 34Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 35Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 36Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 37Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 38Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 39Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 40Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
A22E/A22NE-P
36
1-pole
Switch Unit
1-pole
Switch Unit
2-pole
Switch Unit
1.7R
+0.1
0
2.8
C
C
78 min. (Determined by the
height of the Switch
surface in the lock position.)
20.5
22.2 dia.
E-Stop Shroud
C-C
Panel
Panel
2.5 +0.5
-1.5
Portion B
Legend Plate
(Provided with the Switch Guard)
Rubber Packing
(t=0.5, Rubber Packing)
Panel
Locking Ring
(Rubber Packing)
Mounting Nut
(Provided with the Operation Unit)
Panel Cutout Dimensions
Allowable panel thickness:
1 to 3 mm
22.3 dia.+0.4
0
Rubber Packing
(t=0.5, Rubber Packing)
Portion A:
Indented part
90 dia.
Switch Mounting
Dimension
2.5 +0.5
-1.5
Switch Mounting
Dimension
71.2 max.
C-C
38
Panel
2-pole Switch Unit
2.5 +0.5
-1.5
Switch Mounting
Dimension
2.5 +0.5
-1.5
Switch Mounting
Dimension
Panel
52.2 max.
38.8
52.2 max.
38
37 max.
38.8
Set model number
A22Z-EG3
24.2
±0.2
Screw Terminal Block Type
Mounting a 1-pole Switch Unit
Screw Terminal Block Type
Mounting a 2-pole Switch Unit
Push-in Plus Terminal Block Type
Mounting a 1-pole Switch Unit
Push-in Plus Terminal Block Type
Mounting a 2-pole Switch Unit
E-stop Shroud
A22Z-EG3
Note: 1. The dimensions of the Shroud conform to the
specifications of the SEMATECH Application Guide for
SEMI S2-93.
2. The Shroud is not provided with the Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com