Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
A22E
10
Operating Characteristics
* Rotation torque value.
Terminal Arrangement (BOTTOM VIEW)
Terminal connection
Note: The above terminal connection diagrams are examples of the number of contacts.
Terminal wiring drawings of two-contact Switch Units
Item
Turn-reset
Pull-reset
Total travel force (TTF) 44.1 N max.
58.8 N max.
Return force (RF)
0.25 N·m
* max.
58.8 N max.
Total travel (TT)
10 ±1 mm
5.5 ±1 mm
Non-lighted (two contacts)
Non-lighted (three contacts)
Lighted (two contacts)
Type
Terminal Connection (BOTTOM VIEW)
1NC, 1NO (two contacts)
2NC (two contacts)
2NC, 1NO (three contacts)
3NC (three contacts)
Non-lighted
Lighted with
Direct lighting
Lighted with
Voltage-reduction
lighting
16.7
20.7
Switch Blocks
M3.5 screws
10
Switch Blocks
16.7
22
10
Switch Blocks
Lighting unit
3
4
1
2
NC
NO
1
2
1
2
NC
NC
3
4
1
2
1
2
NC
NO
NC
1
2
1
2
1
2
NC
NC
NC
1
2
X2
X1
X
3
4
1
2
1
2
X2
X1
X
X1
X2
1
2
X
3
4
X1
X2
X
1
2
1
2
AB
Type
Terminal Connection (BOTTOM VIEW)
2NC (two contacts)
2NO (two contacts)
1NC, 1NO (two contacts)
A
B
21
22
24
23
24
23
12
11
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com