Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 13 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 13 Page - ams AG

Back Button AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG AS5134 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
13 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 8. Data Transmission with Pulse Width Modulated (PWM) Output
Analog Sin/Cos Outputs with External Interpolator
By connecting C1 to VDD, the AS5134 provides analog Sine and Cosine outputs (Sin, Cos) of the Hall array front-end
for test purposes. These outputs allow the user to perform the angle calculation by an external ADC + µC, e.g. to
compute the angle with a high resolution. In addition, the inverted Sine and Cosine signals (SINN, COSN; see dotted
lines) are available for differential signal transmission.
The input resistance of the receiving amplifier or ADC should be greater than 100k
Ω. The signal lines should be kept
as short as possible, longer lines should be shielded in order to achieve best noise performance.
The SIN / COS / SINN / COSN signals are amplitude controlled to ~1.3Vpp (differential) by the internal AGC controller.
The DC bias voltage is ~2.25V.
Note: These outputs are high impedance and not resilient, (Load max. 10µA).
Figure 9. Sine and Cosine Outputs for External Angle Calculation
Quadrature A/B/Index Output
The phase shift between channel A and B indicates the direction of the magnet movement. Channel A leads channel B
at a clockwise rotation of the magnet (top view) by 90 electrical degrees. Channel B leads channel A at a counter-
clockwise rotation.
+5V
VDD
AS5134
VDD
PWM
VSS
C2
CS
100n
>=4k7
>=4k7
>=1µF
>=1µF
Analog
out
VSS
5V
0V
0º
180º
360º
Analog out
PWM out
Angle
+5V
VDD
VDD
SIN
SINN
VSS
VSS
C2
100n
VSS
VDD
A
D
DA
COS
COSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com