Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 5 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 5 Page - ams AG

  AS5134 Datasheet HTML 1Page - ams AG AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
5 - 29
AS5134
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = -40 to 140ºC, VDD5V = 4.5-5.5V, all voltages referenced to VSS, unless otherwise noted.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive Supply Voltage
4.5
+5.5
V
IDD
Operating Current
No load on outputs. Supply current
can be reduced by using stronger
magnets.
15
mA
Ioff
Power down current
Low Power Mode
120
µA
TJ
Junction Temperature
170
ºC
System Parameters
N
Resolution
8.5
Bit
1Deg
TPwrUp
Power Up Time
Startup from zero
≤4100
µs
Startup from Low/Mid Power mode
≤500
ts
Tracking rate
Step rate of tracking ADC;
1 step = 1º
3.0
4
5,2
µs/
step
INLcm
Accuracy
Centered Magnet
-2
2
Within horizontal displacement
radius (4.4)
-3
3
Deg
tdelay
Propagation delay
17
22
µs
TN
Transition noise
Peak-Peak
1.41
Deg
Magnet Specifications
MD
Magnet diameter
Diametrically magnetized
6
mm
MT
Magnet thickness
2.5
mm
Bi
Magnetic Input Range
At chip surface
20
80
Vi
Magnet rotation speed
To maintain locked state
30.000
B
Magnetic field low detection
<20
<36
B
Magnetic field high detection
>44
>80
Hall Array radius
1
Vertical distance of magnet
0,5
1
1,8
Horizontal magnet displacement
radius
Max X-Y Offset between defined IC
Package center and magnet axis
0.25
mm
Max X-Y Offset between chip
center and magnet axis
0.48
PWM Output
NPWM
PWM resolution
8.5
Bit
1 Step = 1º
2
µs/
step
PWMIN
PWM pulse width
Angle = 0º (00H)
16
µs
PWMAX
PWM pulse width
Angle = 360º (FFH)
736
µs
PWP
PWM period
750
µs
fPWM
PWM frequency
=1 / PWM period
1.43
kHz
Programming Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com