Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 21 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 21 Page - ams AG

Back Button AS5134 Datasheet HTML 17Page - ams AG AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
21 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 15. Low/Mid Power Mode Connection
In Low/Mid Power Mode, the AS5134 is inactive. The last state, e.g. the angle, AGC value, etc. is frozen and the chip
starts from this frozen state when it resumes active operation. This method provides much faster start-up than a “cold
start” from zero. If the AS5134 is cycled between active and reduced current mode, a substantial reduction of the
average supply current can be achieved. The minimum dwelling time is <0.5 ms. The actual active time depends on
how much the magnet has moved while the AS5134 was in reduced power mode. The angle data is valid, when the
status bit LOCK has been set. Once a valid angle has been measured, the AS5134 can be put back to reduced power
mode. The average power consumption can be calculated as:
sampling interval = ton + toff
(EQ 5)
Where:
Iavg = Average current consumption
Iactive = Current consumption in active mode
Ipower_down = Current consumption in reduced power mode
ton = Time period during which the chip is operated in active mode
toff = Time period during which the chip is in reduced power mode
Reducing Power Supply Peak Currents
An optional RC-filter (R1/C1) may be added to avoid peak currents in the power supply line when the AS5134 is
toggled between active and reduced power mode. R1 must be chosen such that it can maintain a VDD voltage of 4.5 –
5.5V under all conditions, especially during long active periods when the charge on C1 has expired. C1 should be
chosen such that it can support peak currents during the active operation period. For long active periods, C1 should be
large and R1 should be small.
Power Cycling Mode
The power cycling method shown in Figure 16 cycles the AS5134 by switching it on and off, using an external PNP
transistor high side switch. This mode provides the least power consumption of all three modes; when the sampling
interval is more than 400ms, as the current consumption in off-mode is zero. It also has the longest start-up time of all
modes, as the chip must always perform a “cold start“ from zero, which takes about 1.3 ms. The optional filter R1/C1
may again be added to reduce peak currents in the 5V power supply line.
R1
AS5134
VDD
C1
C2
100n
VSS
+5V
VDD
Micro
Controller
CS
DCLK
DIO
VSS
VSS
VDD
on/off
S
N
Ion
Ioff
ton
toff
Iavg
Iactive∗ton Ipowerdown∗toff
+
ton toff
+
---------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com