Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 22 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 22 Page - ams AG

Back Button AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
22 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 16. Application Example III: Ultra-low Power Encoder
Ion
0
ton
toff
10k
ton toff
C1
>1µF
R1
AS5134
VDD
C2
100n
VSS
+5V
VDD
Micro
Controller
CS
DCLK
DIO
VSS
VSS
VDD
on/off
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com