Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 3 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 3 Page - ams AG

  AS5134 Datasheet HTML 1Page - ams AG AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
3 - 29
AS5134
Data Sheet - P i n A s s i g n m e n ts
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
Prog
1
Programming voltage input, must be left open in normal operation.
Maximum load = 20pF (except during programming).
VSS
2
Supply ground.
DX
3
Chip select output for 2-wire mode and Daisy Chain cascading.
CS
4
Chip select input for 3-wire mode.
C2
5
Select between 2-wire and 3-wire mode (tbd).
PWM
6
PWM output.
VDD
7
Positive supply voltage (double bond to VDD_A and VDD_D).
Test Coil
8
Test pin.
DDCLK
9
Clock input for serial interface.
DIO
10
Data I/O for serial interface.
U11
Commutation output.
V12
Commutation output.
W13
Commutation output.
A14
Incremental output.
B15
Incremental output.
Index
16
Incremental output.
TB0/SINN
17
Test pin / inv. sin output.
TB1/SIN
18
Test pin / sin output.
TB2/COSN
19
Test pin / inv. cos output.
TB3/COS
20
Test pin / cos output.
1
2
3
4
5
6
7
8
12
16
15
14
13
VDD
Prog
VSS
TestCoil
PWM
C2
CS
DX
TB0/SINN
TB1/SIN
B
W
U
V
11
10
9
Index
A
20
19
18
17
TB2/COSN
TB3/COS
DCLK
DIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com