Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 4 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 4 Page - ams AG

  AS5134 Datasheet HTML 1Page - ams AG AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
4 - 29
AS5134
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical
Characteristics on page 5 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply voltage
-0.3
7
V
Except during OTP programming
Input Pin Voltage
VSS-0.5
VDD
V
Input Current (latch up immunity)
-100
100
mA
Norm: EIA/JESD78 ClassII Level A
ESD
±2
kV
Norm: JESD22-A114E
Package Thermal Resistance SL
145
ºC/W
Still Air / Single Layer
Package Thermal Resistance ML
90
ºC/W
Still Air / Multi Layer
Storage Temperature
-55
140
ºC
Soldering conditions, Body temperature
(Pb-free package)
260
ºC
T=20 to 40s, Norm: IPC/JEDEC J-Std-020C.
Lead finish 100%Sn “matte tin”
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com