Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW32905 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL APPLICATION CIRCUITS
OUT
OVLO
IN
GND
CIN
0.1µF
50V
COUT
1µF
Battery
USB
Port
AW32901
AW32902
AW32905
AW32909
AW32910
AW32912
Charger
ACOK
Controller
PMIC
EN
TVS
Optional
Figure 4
AW329XX typical application circuit(using default OVP threshold)
OUT
OVLO
IN
GND
CIN
0.1µF
50V
R1
R2
COUT
1µF
Battery
USB
Port
AW32901
AW32902
AW32905
AW32909
AW32910
AW32912
Charger
ACOK
Controller
PMIC
EN
TVS
Optional
Figure 5 AW329XX typical application circuit(using external resistors set OVP threshold)
Notice for Typical Application Circuits:
1.
If VBUS is required to pass surge voltage greater than 120V, external TVS is needed, the maximum
clamping voltage of the TVS should be below 34V.
2.
When the default OVP threshold
is used, connect OVLO pin to GND directly or through a 0Ω resistor.
OVLO pin cannot be left floating.
3.
If R1 and R2 are used to adjust the OVP threshold, it is better to use 1% precision resistors to improve the
OVP threshold precision.
4.
If
ACOK is not used, it can be left floating, or short to GND.
5.
CIN
= 0.1μF is recommended for typical application, larger CIN is also acceptable. The rated voltage of CIN
should be larger than the TVS maximum clamping voltage, if no TVS is applied and only AW329XX is
used, the rated voltage of CIN should be 50V.
6.
COUT
= 1μF is recommended for typical application, larger COUT is also acceptable. The rated voltage of
COUT should be larger than the OVP threshold. For example, if the OVP threshold is 6.8V, the rated voltage
of COUT should be 10V or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com