Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 11 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 11 Page - Shanghai awinic technology co.,ltd

Back Button AW32905 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
11
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS
Table 1 Table of Figures
INDEX
Figure No
Rdson vs. Output Current
FIGURE 7
Rdson vs. Temp. (IOUT = 1A)
FIGURE 8
Rdson vs. Input Voltage (IOUT = 1A)
FIGURE 9
Input Supply Current vs. Supply Voltage
FIGURE 10
Normalized Internal OVP Threshold vs. Temp.
FIGURE 11
OVLO set threshold vs. Temp.
FIGURE 12
Power-up (COUT =
1μF, 100mA load)
FIGURE 13
Power-up (COUT =
100μF, 100mA load)
FIGURE 14
OVP Response (AW32905)
FIGURE 15
130V Surge Response(AW32905)
FIGURE 16
VIN = 5V,
VEN = 0V, VOVLO = 0V, CIN = 0.1μF, COUT = 1μF, and TA = 25°C unless otherwise specified.
Figure 7 Rdson vs. Output Current
Figure 8 Rdson vs. Temp. (IOUT = 1A)
25.0
27.0
29.0
31.0
33.0
35.0
0
1
2
3
4
5
Output Current(A)
20.0
25.0
30.0
35.0
40.0
-40
-15
10
35
60
85
Temperature(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com