Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 5 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 5 Page - Shanghai awinic technology co.,ltd

  AW32905 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
5
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Part Number
Temperature
Package
Marking
Moisture
Sensitivity
Level
Environmental
Information
Delivery
Form
AW32901FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
NV9
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW32902FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
OWM
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW32905FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
RZR
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW32909FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
V5B
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW32910FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
N9V
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW32912FCR
-40°C
– 85°C
1.3mm ×
1.8mm ×
0.55mm
FCQFN-12
PBN
MSL1
ROHS+HF
Tape and
Reel
3000pcs/Reel
AW329xx
Shipping
R: Tape & Reel
Package Type
FC: FCQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com