Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 2 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 2 Page - Shanghai awinic technology co.,ltd

  AW32905 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
DEVICE COMPARISON TABLE
Device
VIN_OVLO (V)
VIN_OVLO
hysteresis (mV)
Condition
Min.
Typ.
Max.
AW32901
VIN rising
5.83
5.95
6.07
130
AW32902
VIN rising
6.08
6.20
6.32
130
AW32905
VIN rising
6.66
6.80
6.94
140
AW32909
VIN rising
9.78
9.98
10.18
210
AW32910
VIN rising
10.29
10.50
10.71
210
AW32912
VIN rising
13.7
14.0
14.3
280
PIN CONFIGURATION AND TOP MARK
C
B
A
1
2
3
4
OUT
OUT
GND
ACOK
OUT
IN
GND
OVLO
IN
IN
GND
Pin Configuration (TOP VIEW)
1
2
3
4
C
B
A
Marking
XXX
– Marking
YYY
– Production tracking code
EN
Figure 2 Pin Configuration and Top Mark
PIN DEFINITION
Pin
Name
Description
A1
EN
Enable pin, active low
B1
ACOK
Power good flag, active-low, open-drain
C1
OVLO
OVP threshold adjustment pin
C2, C3, B3
IN
Switch input and device power supply
A2, A3, B2
OUT
Switch output
A4, B4, C4
GND
Device ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com