Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 6 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 6 Page - Shanghai awinic technology co.,ltd

Back Button AW32905 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
6
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Symbol
Parameter
Condition
Min.
Max.
Unit
VIN
Input voltage
-0.3
29
V
VOUT
Output voltage
-0.3
See(NOTE 2)
V
VOVLO
OVLO voltage
-0.3
6
V
V
ACOK
ACOK voltage
-0.3
6
V
V
EN
EN voltage
-0.3
6
V
ISW
Continuous current of switch
IN-OUT(NOTE 3)
Continuous current on IN and
OUT pin
5
A
IPEAK
Peak current
Peak input and output current
on IN and OUT pin(10ms)
8
A
IDIODE
Continuous diode current
Continuous
forward
current
through the nFET body diode
1.5
A
TA
Ambient temperature
-40
85
°C
TJ
Junction temperature
-40
150
°C
TSTG
Storage temperature
-55
150
°C
TLEAD
Soldering temperature
At leads, 10 seconds
260
°C
Surge
Input surge protection
IEC61000-4-5 test with 2

equivalent series resistance
120
V
NOTE1
: Conditions out of those ranges listed in “absolute maximum ratings” may cause permanent damages
to the device. In spite of the limits above, functional operation conditions of the device should within the ranges
listed in
“recommended operating conditions”. Exposure to absolute-maximum-rated conditions for prolonged
periods may affect device reliability.
NOTE2: 29V or VIN+0.3V, whichever is smaller.
NOTE3: Limited by thermal design.
THERMAL INFORMATION
Symbol
Parameter
Condition
Value
Unit
RJA
Thermal
resistance
from
junction to ambient (NOTE 1)
In free air
65
°C/W
NOTE1: Thermal resistance from junction to ambient is highly dependent on PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com