Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905 Datasheet(PDF) 22 Page - Shanghai awinic technology co.,ltd

Part # AW32905
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905 Datasheet(HTML) 22 Page - Shanghai awinic technology co.,ltd

Back Button AW32905 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW32905 Datasheet HTML 23Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
22
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
RELATED PARTS
Part No.
Description
Comments
AW33901FCR
Over voltage protection load
switch, input maximum voltage
rating: 32VDC. 30
mΩ nFET load
switch, 1.2mm x 1.2mm
FCQFN-9 package
Default OVP threshold: 5.95V
AW33902FCR
Default OVP threshold: 6.2V
AW33905FCR
Default OVP threshold: 6.8V
AW33909FCR
Default OVP threshold: 9.98V
AW33910FCR
Default OVP threshold: 10.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com