Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 6Page - STMicroelectronics VIPER318HDTR Datasheet HTML 7Page - STMicroelectronics VIPER318HDTR Datasheet HTML 8Page - STMicroelectronics VIPER318HDTR Datasheet HTML 9Page - STMicroelectronics VIPER318HDTR Datasheet HTML 10Page - STMicroelectronics VIPER318HDTR Datasheet HTML 11Page - STMicroelectronics VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Figure 9. ICH1 vs. TJ
0.5
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
150
ICH1/(ICH1@25°C)
Tj [°C]
Figure 10. ICH2 vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
ICH2/(ICH2@25°C)
Tj [°C]
Figure 11. ICH1 vs. VDRAIN
0.9
0.95
1
1.05
1.1
0
100
200
300
400
500
600
700
800
ICH1/(ICH1@VDRAIN = 100V)
VDRAIN [V]
Figure 12. ICH2 vs. VDRAIN
0.9
0.95
1
1.05
1.1
0
100
200
300
400
500
600
700
800
ICH2/(ICH2@VDRAIN=100V)
VDRAIN [V]
Figure 13. GM vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
GM/(GM@25°C)
Tj [°C]
Figure 14. ICOMP vs. TJ
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
125
150
ICOMP/(ICOMP@25°C)
Tj [°C]
VIPER31
Typical electrical characteristics
DS13285 - Rev 6
page 10/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com