Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 11Page - STMicroelectronics VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics VIPER318HDTR Datasheet HTML 16Page - STMicroelectronics VIPER318HDTR Datasheet HTML 17Page - STMicroelectronics VIPER318HDTR Datasheet HTML 18Page - STMicroelectronics VIPER318HDTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
At nominal input voltage (230 VAC), typical and worst-case consumptions are 2.4 mW and 3.0 mW respectively
(corresponding to RG_typ = 45 Mohm and RG_min = 36 Mohm). This means that, with a careful design, the
overall no-load input power consumption of the application can be maintained very low (typically, below 10 mW
@230 VAC)
Power-off: when the IC is disconnected from the mains, or there is a mains interruption, for some time the
converter keeps on working, powered by the energy stored in the input bulk capacitor. When it is discharged
below a critical value, the converter is no longer able to keep the output voltage regulated. During the power
down, when the DRAIN voltage becomes too low, the HV current source remains off and the IC is stopped as
soon as VCC drops below the UVLO threshold, VCcoff.
Figure 25. Power ON and power OFF
VIN_DC
Power-off:
VIN decreases
VDRAIN
Power-on:
HV current source enabled
t
VCCon
1V
ICH1
ICH2
VCSon
VCCoff
HV current source is no
more activated because
of too low VDRAIN
UVLO
VCC
HV current source is
disabled here
VOUT
Output regulation is lost here
VHV_START
t
t
t
Power-on
Power-off
Steady-state
4.5
Soft startup
The internal soft-start function of the VIPER31 progressively increases the cycle-by-cycle current limitation set
point from zero up to IDLIM.
The soft-start time, tSS, which is internally set at 8 ms, is activated at any attempt of converter power-on and at
any restart after a fault event.
The feature is used to reduce the stress of the power components and increase the reliability of the system.
VIPER31
General description
DS13285 - Rev 6
page 15/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com