Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 8Page - STMicroelectronics VIPER318HDTR Datasheet HTML 9Page - STMicroelectronics VIPER318HDTR Datasheet HTML 10Page - STMicroelectronics VIPER318HDTR Datasheet HTML 11Page - STMicroelectronics VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics VIPER318HDTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Figure 21. SOA SO16N package
0.01
0.1
1
10
0.1
1
10
100
1000
10000
VDS [V]
ID [A]
tp = 1 ms
tp = 10 ms
tp = 1 ms
RDS(on) limit
tp = 100 ms
Figure 22. Maximum avalanche energy vs. Tj
0
1
2
3
4
-50
0
50
100
150
Tj [°C]
EAS [mJ]
Single pulse,
ID = 1A, VDD = 50 V
VIPER31
Typical electrical characteristics
DS13285 - Rev 6
page 12/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com