Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics VIPER318HDTR Datasheet HTML 16Page - STMicroelectronics VIPER318HDTR Datasheet HTML 17Page - STMicroelectronics VIPER318HDTR Datasheet HTML 18Page - STMicroelectronics VIPER318HDTR Datasheet HTML 19Page - STMicroelectronics VIPER318HDTR Datasheet HTML 20Page - STMicroelectronics VIPER318HDTR Datasheet HTML 21Page - STMicroelectronics VIPER318HDTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
This kind of operation, together with the extremely low IC quiescent current, allows very low input power
consumption in no-load and light load, while the low DRAIN peak current value, IDLIM_PFM, prevents any audible
noise which could arise from low switching frequency values. When the output load is increased, VCOMP
increases and PFM is exited. VCOMP reaches its maximum at VCOMPH, corresponding to the DRAIN current
limitation (IDLIM).
VIPER319HC version has a higher IDLIM_PFM that helps to achieve a better efficiency at light load conditions
compared to VIPER319H (see Figure 28 and Figure 29).
Figure 28. Light load efficiency @ 230VAC
30
40
50
60
70
80
90
0.005
0.125
0.25
0.5
1
2
3
Pout (W)
319H
319HC
Figure 29. No load input power vs input voltage
30
35
40
45
50
55
60
65
90
115
230
265
Vin(VAC)
319HC
319H
VIPER31
General description
DS13285 - Rev 6
page 18/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com