Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 7Page - STMicroelectronics VIPER318HDTR Datasheet HTML 8Page - STMicroelectronics VIPER318HDTR Datasheet HTML 9Page - STMicroelectronics VIPER318HDTR Datasheet HTML 10Page - STMicroelectronics VIPER318HDTR Datasheet HTML 11Page - STMicroelectronics VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Figure 15. RDSON vs. TJ
0.00
0.50
1.00
1.50
2.00
2.50
-50
-25
0
25
50
75
100
125
150
Tj [°C]
RDS(on)/(RDS(on)@25°C)
Figure 16. RDSON vs. IDRAIN
0
0.5
1
1.5
0
50
100
150
200
250
300
350
400
IDRAIN [mA]
RDS(on) /(RDS(on)@IDRAIN = 360mA)
T = 25°C
Figure 17. Static drain-source on resistance
Figure 18. Power MOSFET COSS vs. VDS @ VGS=0, f=1MHz
1
10
100
1000
10000
0
1
10
100
1000
VDS [V]
COSS [pF]
Figure 19. VBVDSS vs. TJ
0.88
0.92
0.96
1
1.04
1.08
1.12
-50
0
50
100
150
TJ [°C]
V(BR)DSS/ (V(BR)DSS @ 250C)
ID = 1 mA
Figure 20. Output characteristic
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
0.0
4.0
8.0
12.0
16.0
20.0
VDS [V]
IDRAIN [A]
-40°C
25°C
125°C
VIPER31
Typical electrical characteristics
DS13285 - Rev 6
page 11/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com