Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER318HDTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 9Page - STMicroelectronics VIPER318HDTR Datasheet HTML 10Page - STMicroelectronics VIPER318HDTR Datasheet HTML 11Page - STMicroelectronics VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics VIPER318HDTR Datasheet HTML 16Page - STMicroelectronics VIPER318HDTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
4
General description
4.1
Block diagram
Figure 23. Block diagram
VCC
DRAIN
Internal Supply bus
RSENSE
REGULATOR
4V
HV
Start up
THERMAL
DIODE
(OTP)
GND
HV DISABLE
LOGIC
SOFT START
JITTERED
OSCILLATOR
E/A
+
-
+
-
FB
VFB_REF
PWM
-
+
TURN ON
LOGIC
COMP
OCP
UVLO VCC
VCC_clamp
tOVL filter
LEB
S
R
Q
OTP
OCP
-
+
IDLIM ref
LIGHT LOAD PFM
PROTECTION
LOGIC
tRESTART
OVP LOGIC
tOVP_REST
OVP
TSD LOGIC
tRESTART
RG
Vz
IHV
ICH*
- VOVP_th
+
-
VUVP_th
tOVP_DEB filter
UVP
S
R
Q
IC DISABLE
LOGIC
IC_DIS
IC_DIS
tUVP_REST filter
IC_DIS_SET
IC_DIS_RESET
tUVP_DEB filter
+
4.2
Typical power capability
Table 8. Typical power
Vin: 230 VAC
Vin: 85-265 VAC
Adapter (1)
Open Frame (2)
Adapter (1)
Open Frame (2)
27 W
31 W
16 W
19 W
1. Typical continuous power in non-ventilated enclosed adapter measured at 50°C ambient.
2. Maximum practical continuous power in an open frame design at 50°C ambient, with adequate heat sinking.
VIPER31
General description
DS13285 - Rev 6
page 13/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com