Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER319HDTR Datasheet HTML 1Page - STMicroelectronics VIPER319HDTR Datasheet HTML 2Page - STMicroelectronics VIPER319HDTR Datasheet HTML 3Page - STMicroelectronics VIPER319HDTR Datasheet HTML 4Page - STMicroelectronics VIPER319HDTR Datasheet HTML 5Page - STMicroelectronics VIPER319HDTR Datasheet HTML 6Page - STMicroelectronics VIPER319HDTR Datasheet HTML 7Page - STMicroelectronics VIPER319HDTR Datasheet HTML 8Page - STMicroelectronics VIPER319HDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Figure 2. Rth_JA versus copper area
0.750
0.875
1.000
1.125
1.250
1.375
1.500
0
25
50
75
100
125
150
175
200
225
A (mm2)
RthJA/(RthJA@ A = 100mm2)
Table 4. Avalanche characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IAR
Avalanche current
Repetitive and non-repetitive.
Pulse-width limited by TJmax
1.15
A
EAS
Single pulse avalanche energy(1)
IAS = IAR,
VDS = 100 V,
Starting TJ = 25°C
3
mJ
1. Parameter derived by characterization
2.1
Electrical characteristics
Tj = -40 to 125°C, VCC = 9 V (unless otherwise specified)
Table 5. Power section
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA, VCOMP = VGND,
TJ = 25°C
800
V
IDSS
Drain-source leakage current
VDS = 400 V, VCOMP = VGND,
TJ = 25°C
1
µA
IOFF
OFF state drain current
VDRAIN = max. rating,
VCOMP = VGND, TJ = 25°C
60
µA
RDS(on)
Static drain-source ON
‑resistance
IDRAIN = 400 mA, TJ = 25°C
3.5
Ω
IDRAIN = 400 mA, TJ = 125°C
7
Ω
VIPER31
Electrical and thermal ratings
DS13285 - Rev 6
page 5/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com