Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER319HDTR Datasheet HTML 16Page - STMicroelectronics VIPER319HDTR Datasheet HTML 17Page - STMicroelectronics VIPER319HDTR Datasheet HTML 18Page - STMicroelectronics VIPER319HDTR Datasheet HTML 19Page - STMicroelectronics VIPER319HDTR Datasheet HTML 20Page - STMicroelectronics VIPER319HDTR Datasheet HTML 21Page - STMicroelectronics VIPER319HDTR Datasheet HTML 22Page - STMicroelectronics VIPER319HDTR Datasheet HTML 23Page - STMicroelectronics VIPER319HDTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
With IC disabled: if VUVP rises above VUVP_th, the REST counter is incremented, and when it reaches rest_eoc
(corresponding to tUVP_REST), the IC resumes switching. If during the count-up, VUVP falls below VUVP_th for some
time, the REST counter is decremented during that time and the IC re-enabling is delayed accordingly.
Figure 31. UVP timing
VUVP
REST counter
IDRAIN
rest_eoc
VUVP_th
VDD
IC re-enabled
IC disabled
normal operation
disabled with ultra-low consumption (Iq_DIS)
normal operation
tUVP_REST
Restart
delay
VCCon
VCSon
DEB counter
tUVP_DEB
< tUVP_DEB
deb_eoc
An input undervoltage protection can be easily realized connecting the rectified mains to UVP pin through a
voltage divider, as shown in Figure 32. Connection for input undervoltage protection/disable (isolated or non-
isolated topologies).
Figure 32. Connection for input undervoltage protection/disable (isolated or non-isolated topologies)
C1
Cs
GND
DRAIN
GND
VCC
UVP
COMP
CONTROL
FB
VIPER31
RH
DIN
RL
~ AC
OVP
CIN
from VAUX or VOUT
C2
R2
VIPER31
General description
DS13285 - Rev 6
page 20/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com