Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319HDTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER319HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319HDTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER319HDTR Datasheet HTML 5Page - STMicroelectronics VIPER319HDTR Datasheet HTML 6Page - STMicroelectronics VIPER319HDTR Datasheet HTML 7Page - STMicroelectronics VIPER319HDTR Datasheet HTML 8Page - STMicroelectronics VIPER319HDTR Datasheet HTML 9Page - STMicroelectronics VIPER319HDTR Datasheet HTML 10Page - STMicroelectronics VIPER319HDTR Datasheet HTML 11Page - STMicroelectronics VIPER319HDTR Datasheet HTML 12Page - STMicroelectronics VIPER319HDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
3
Typical electrical characteristics
Figure 3. IDLIM vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
IDLIM/(IDLIM@25°C)
Tj [°C]
Figure 4. FOSC vs. TJ
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
125
150
FOSC/(FOSC@25°C)
Tj [°C]
Figure 5. VHV_START vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
VHV_START/(VHV_START@25°C)
Tj [°C]
Figure 6. VFB_REF vs. TJ
0.95
0.975
1
1.025
1.05
-50
-25
0
25
50
75
100
125
150
VFB_REF/(VFB_REF@25°C)
Tj [°C]
Figure 7. Quiescent Current Iq vs. TJ
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
125
150
Iq/(Iq@25°C)
Tj [°C]
Figure 8. Operating current ICC vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
ICC/(ICC@25°C)
Tj [°C]
VIPER31
Typical electrical characteristics
DS13285 - Rev 6
page 9/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com